| Electronic Components Datasheet Search |
|
IMC010FLSA Datasheet(PDF) 19 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IMC010FLSA Datasheet(HTML) 19 Page - Intel Corporation |
|
19 / 39 page ![]() SERIES 2 FLASH MEMORY CARDS DEVICE STATUS REGISTER Each 28F008SA device in the Series 2 Card con- tains a Status Register which displays the condition of its Write State Machine The Status Register is read at any time by writing the Read Status com- mand to the CUI After writing this command all sub- sequent Read operations output data from the Status Register until another command is written to the CUI Bit 7WSM Status This bit reflects the ReadyBusy condition of the WSM A ‘‘1’’ indicates that read block-erase or data- write operations are available A ‘‘0’’ indicates that write or erase operations are in progress Bit 6Erase Suspend Status If an Erase Suspend command is issued during the erase operation the WSM halts execution and sets the WSM Status bit and the Erase Suspend Status bit to a ‘‘1’’ This bit remains set until the device receives an Erase Resume command at which point the CUI resets the WSM Status bit and the Erase Suspend Status bit Bit 5Erase Status This bit will be cleared to 0 to indicate a successful block-erasure When set to a ‘‘1’’ the WSM has been unsuccessful at performing an erase verifica- tion The device’s CUI only resets this bit to a ‘‘0’’ in response to a Clear Status Register command Bit 4Write Status This bit will be cleared to a 0 to indicate a successful data-write operation When the WSM fails to write data after receiving a write command the bit is set to a ‘‘1’’ and can only be reset by the CUI in re- sponse to a Clear Status Register command Bit 3VPP Status During block-erase and data-write operations the WSM monitors the output of the device’s internal VPP detector In the event of low VPP the WSM sets (‘‘1’’) the VPP Status bit the status bit for the opera- tion in progress (either write or erase) The CUI re- sets these bits in response to a Clear Status Regis- ter command Also the WSM RYBY bit will be set to indicate a device ready condition This bit MUST be reset by system software (Clear Status Register command) before further data writes or block erases are attempted Device Status Register (Read Only Register) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 WSM Erase Erase Write VPP Reserved Status Suspend Status Status Status Status 19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |