| Electronic Components Datasheet Search |
|
IMC010FLSA Datasheet(PDF) 24 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IMC010FLSA Datasheet(HTML) 24 Page - Intel Corporation |
|
24 / 39 page ![]() SERIES 2 FLASH MEMORY CARDS The Device Geometry Tuple This tuple (CISTPL DEVlCEGEO e 1EH) is con- ceptually similar to a DOS disk geometry tuple (CISTPL GEOMETRY) except it is not a format- dependent property this deals with the fixed archi- tecture of the memory device(s) Fields are defined as follows DGTPL BUS Value e n where system bus width e 2(nb1) bytes N e 2 for standard PCMClA Re- lease 1020 cards DGTPL EBS Value e n where the memory array’s physical memory segments have a minimum erase block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL RBS Value e n where the memory ar- ray’s physical memory segments have a minimum read block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL WBS Value e n where the memory ar- ray’s physical memory segments have a minimum write block size of 2(nb1) address increments of DGTPL BUS-wide accesses DGTPL PART Value e n where the memory ar- ray’s physical memory segments can have partitions subdividing the arrays in minimum granularity of 2(nb1) number of erase blocks FL DEVICE INTERLEAVE Value e n where card architectures employ a multiple of 2(nb1) times inter- leaving of the entire memory arrays with the above characteristics Non-interleaved cards have values n e 1 Jedec Programming Information Tuple This tuple (CISTPL JEDEC e 18H) contains the Intel manufacturing identifier (89H) and the 28F008SA device ID (A2H) Level 1 VersionProduct Information Tuple This tuple (CISTPL VERI e 15H) contains Level-1- version compliance and card-manufacturer informa- tion Fields are described as follows TPLLV1 MAJOR Major version number e 04H TPLLV1 MINOR Minor version number e 01H for release 20 TPLLV1 INFO Name of manufacturer e intel Name of product e SERIES2-‘‘Card size’’ Card type e 2 Speed e 150 ns or 200 ns Register Base e REGBASE 4000H Test Codes e DBBDRELP Legalities e COPYRIGHT intel Corporation 1991 The Configurable Card Tuple This tuple (ClSTPL CONF e 1AH) describes the interface supported by the card and the locations of the Card Configuration Registers and the Card Con- figuration Table Fields are described as follows TPCC SZ Size of fields byte e 01H TPCC LAST Index number of the last entry in the Card Configuration Table e 00H TPCC RADR Configuration Registers Base Ad- dress in Reg Space e 4000H TPCC RMSK Configuration Registers Present Mask e 03H The End-Of-List Tuple The end-of-list tuple (CISTPL END e FFH) marks the end of a tuple chain Upon encountering this tu- ple continue tuple processing as if a long-link to ad- dress 0 of common memory space were encoun- tered 24 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |