Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 30 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 30 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 26Page - Intel Corporation IMC010FLSA Datasheet HTML 27Page - Intel Corporation IMC010FLSA Datasheet HTML 28Page - Intel Corporation IMC010FLSA Datasheet HTML 29Page - Intel Corporation IMC010FLSA Datasheet HTML 30Page - Intel Corporation IMC010FLSA Datasheet HTML 31Page - Intel Corporation IMC010FLSA Datasheet HTML 32Page - Intel Corporation IMC010FLSA Datasheet HTML 33Page - Intel Corporation IMC010FLSA Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
AC CHARACTERISTICS
AC Timing Diagrams and characteristics are guaran-
teed to meet or exceed PCMCIA Release 20 speci-
fications PCMCIA allows a 300 ns access time for
Attribute Memory Note that read and write access
timings to the Series 2 Flash Memory Card’s Com-
mon and Attribute Memory Planes are identical at
150 ns Furthermore there is no delay in switching
between the Common and Attribute Memory Planes
COMMON AND ATTRIBUTE MEMORY AC CHARACTERISTICS Read-Only Operations
Symbol
Parameter
Notes
Min
Max
Unit
JEDEC
PCMCIA
tAVAV
tRC
Read Cycle Time
150
ns
tAVQV
ta (A)
Address Access Time
150
ns
tELQV
ta (CE)
Card Enable Access Time
150
ns
tGLQV
ta (OE)
Output Enable Access Time
75
ns
tEHQX
tdis (CE)
Output Disable Time from CE
75
ns
tGHQZ
tdis (CE)
Output Disable Time from OE
75
ns
tGLQX
ten (CE)
Output Enable Time from CE
5ns
tELQX
ten (OE)
Output Enable Time from OE
5ns
tAXQX
tv (A)
Data Valid from Add Change
0
ns
tRHQV
Reset-PwrDwn Recovery to Output Delay
500
ns
tsu (VCC)
CE Setup Time on Power-Up
1
ms
First Access after Reset
500
ns
290434 – 28
Transient InputOutput Reference Waveform (VCC e 50V) for Standard Test Configuration
290434 – 29
Transient InputOutput Reference Waveform (VCC e 33V) for Standard Test Configuration
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com