Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 27 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 27 Page - NEC

Back Button UPD7228 Datasheet HTML 23Page - NEC UPD7228 Datasheet HTML 24Page - NEC UPD7228 Datasheet HTML 25Page - NEC UPD7228 Datasheet HTML 26Page - NEC UPD7228 Datasheet HTML 27Page - NEC UPD7228 Datasheet HTML 28Page - NEC UPD7228 Datasheet HTML 29Page - NEC UPD7228 Datasheet HTML 30Page - NEC UPD7228 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet S10299EJ4V0DS00
27
µµµµ PD16434
4. SELECTING
µµµµ PD16434 INTERFACE FUNCTION WITH CPU
The command/data for the
µ PD16434 is 8 bits long. However, serial interfacing with the CPU is made in 8-bit
transfer or parallel interfacing is made in two 4-bit transfers. In addition, the
µ PD16434 is provided with a chip address
selection function for multi-chip system configuration. Whether the serial or parallel interface is used and whether or not
the chip address select function is used are specified by the data on the D2 (CAE) line and D1 (P, /S) line at the RESET
signal release timing (falling edge).
Figure 4–1. Interface Specification Timing Waveforms
RESET
D2(CAE)
D1(P, /S)
Table 4–1. Interface Specification Code
D2(CAE)
D1(P, /S)
Serial/parallel
specification
Chip address
selection function
0
0
Serial
Unprovided
1
0
Provided
0/1
1
Parallel
4.1 Functions of Shared Pins
The function of the /STB, /SCK, D3/SO, and the D0/SI pins used for clock input and data input/output differ,
depending on whether the serial interface or the parallel interface is specified, as indicated in Table4–2.
Table 4–2. Function of Shared Pins
Pin name
Serial (P, /S = 0)
Parallel (P, /S = 1)
/STB, /SCK
/SCK input
/STB input
D3/SO
SO output
D3 to D0 input/output
D2(CAE)
–
(4-bit parallel data bus)
D1(P, /S)
–
D0/SI
SI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com