Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 30 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 30 Page - NEC

Back Button UPD7228 Datasheet HTML 26Page - NEC UPD7228 Datasheet HTML 27Page - NEC UPD7228 Datasheet HTML 28Page - NEC UPD7228 Datasheet HTML 29Page - NEC UPD7228 Datasheet HTML 30Page - NEC UPD7228 Datasheet HTML 31Page - NEC UPD7228 Datasheet HTML 32Page - NEC UPD7228 Datasheet HTML 33Page - NEC UPD7228 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Data Sheet S10299EJ4V0DS00
30
µµµµ PD16434
R1 =
× R2 (16-time-divisions)
5.2 Reduction in Current Consumption by RESET Signal
If a resistor network is used to supply the LCD drive reference voltage, some current is drained by the resistor
network connected across VDD and VSS when no display operation is performed, such as when the
µ PD16434 is in
the STOP mode or when it is being reset. Therefore, for a system to which reducing the current draw is extremely
important, the current path thorough the resistor network must be cut off by an external circuit, when no displaying is
performed, to eliminate unnecessary current flow.
Figure 5–5 shows a circuit which cuts off the current to the resistor network during reset state (RESET = high)
using the the RESET signal level instead of the VSS level.
Figure 5–5. Example of Controlling Current Path Using RESET Signal
VDD(VLC0)
VDD
VLC1
VLC2
VLC3
VLC4
VLC5
RESET
Output port
µPD16434
CPU
VDD
Remark The power to the CPU and the
µ PD16434 must be from the same source.
)
V
5(V
V
LCD
DD
LCD
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com