Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 10 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 10 Page - NEC

Back Button UPD7228 Datasheet HTML 6Page - NEC UPD7228 Datasheet HTML 7Page - NEC UPD7228 Datasheet HTML 8Page - NEC UPD7228 Datasheet HTML 9Page - NEC UPD7228 Datasheet HTML 10Page - NEC UPD7228 Datasheet HTML 11Page - NEC UPD7228 Datasheet HTML 12Page - NEC UPD7228 Datasheet HTML 13Page - NEC UPD7228 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Data Sheet S10299EJ4V0DS00
10
µµµµ PD16434
2. INTERNAL BLOCK FUNCTIONS
2.1 Serial/Parallel Interface
The
µ PD16434 contains both serial and parallel interface functions. Whether the serial interface or the parallel
interface is used is determined by whether the P, /S input is high (specifying the parallel interface) or low
(specifying the serial interface) at the RESET signal falling edge.
The interface circuit is used to write commands and data from the CPU or output data to the CPU.
The operation of the serial/parallel interface differs, depending on the data processing mode setting. When a
RESET is input, the data processing mode is initialized to the write mode, so that the first command input can be
accepted. Afterwards, the mode can be set to write related or read related data processing mode by the data
processing set command.
If the data processing mode is set to the write, AND, OR, or the character write related mode, the serial/parallel
interface is set to the data input mode, and the
µ PD16434 clocks in the data from the SI pin (serial data) or from the D3
to D0 pins (4-bit parallel data) in synchronization with the rising edge of the /SCK or the /STB, respectively.
If the data processing mode is set to the read mode, the serial/parallel interface becomes the data output mode
and outputs data from the SO pin (serial data) or from the D3 to D0 pins (4-bit parallel data) in synchronization with the
falling edge of the /SCK or the /STB.
The serial/parallel register serves as the buffer, between 8-bit serial data or two 4-bit parallel data transferred
through the serial input/output (SI, SO) or parallel input/output (D3 to D0) and 8-bit parallel data of the data memory.
Figure 2–1. Serial/Parallel Interface
/STB'
Read/write
control
RESET
/CS
CA0,CA1
C, /D
/BUSY
/STB, /SCK
Data
control
D0/SI
D3/SO
D1(P, /S)
D2(CAE)
/SCK'
SI'
8-bit serial/parallel register
bit 0-3
4
bit 4-7
4
8
Internal bus
SO'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com