Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 11 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 11 Page - NEC

Back Button UPD7228 Datasheet HTML 7Page - NEC UPD7228 Datasheet HTML 8Page - NEC UPD7228 Datasheet HTML 9Page - NEC UPD7228 Datasheet HTML 10Page - NEC UPD7228 Datasheet HTML 11Page - NEC UPD7228 Datasheet HTML 12Page - NEC UPD7228 Datasheet HTML 13Page - NEC UPD7228 Datasheet HTML 14Page - NEC UPD7228 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet S10299EJ4V0DS00
11
µµµµ PD16434
If the C, /D input indicates command specifications, the data input from the CPU to the serial/parallel interface is
sent from the serial/parallel register to the command decoder for decoding.
In the write mode, if the C, /D input indicates data specifications, the data loaded to the serial/parallel register is
directly transferred to the data memory.
In the AND or OR mode, the data loaded into the serial/parallel register is ANDed or ORed with the data memory
contents, and the result is transferred to the data memory. In the character mode, the data loaded into the
serial/parallel register is regarded as ASCII or JIS code and is sent to the character generator. It is decoded to 5
×
7-bit character display pattern, and is stored into 5 successive data memory addresses.
Only when set to the read mode, can the serial/parallel interface output data to the CPU. When set to the read
mode, the serial/parallel interface always reads 8-bit data from the data memory and sets it in the serial/parallel register
for the next read operation.
In the serial interface mode, the data in the serial/parallel register is output from the SO pin with the MSB first at
each /SCK falling edge.
In the parallel interface mode, the upper 4 bits of the data in the serial/parallel register are output from the D3 to
D0 pins at the first falling edge of the /STB, and the lower 4 bits of the data in the serial/parallel register are output from
those pins at the second falling edge of the /STB.
In either the serial/parallel interface mode, each time 8 bits of data are output, the next 8 bits of data are
automatically read out from the data memory and set in the serial/parallel register.
2.2 Command Decoder
If the 8-bit data, input through the serial/parallel interface, is specified as a command (C, /D = 1), the data is
clocked in as a command, and is decoded to generate an internal control signal.
2.3 Character Generator
The character generator becomes effective, when a character mode setting command (SCML, SCMR) is
executed. In this case, 8-bit data written through the serial/parallel interface is interpreted as a character code, and the
5
× 7-dot matrix pattern, corresponding to the code, will be generated. It is transferred to the 5 successive addresses in
the data memory (7 bits
× 5 times).
The character generator contains the following 160 different pattern data :
ASCII
JIS
Upper-case alphabets 26
KATAKANA 55
Lower-case alphabets 26
Symbols
9
Numerical characters
10
Symbols
34
Figure 2–2 shows correspondence of character codes (ASCII/JIS) and 5 dots
× 7 dots display patterns. 96 codes
of 20H to 7FH correspond to ASCII characters, and A0H to DFH correspond to JIS characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com