Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 36 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 36 Page - NEC

Back Button UPD7228 Datasheet HTML 31Page - NEC UPD7228 Datasheet HTML 32Page - NEC UPD7228 Datasheet HTML 33Page - NEC UPD7228 Datasheet HTML 34Page - NEC UPD7228 Datasheet HTML 35Page - NEC UPD7228 Datasheet HTML 36Page - NEC UPD7228 Datasheet HTML 37Page - NEC UPD7228 Datasheet HTML 38Page - NEC UPD7228 Datasheet HTML 39Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Data Sheet S10299EJ4V0DS00
36
µµµµ PD16434
Figure 7–1. Controlling LCD Drive Voltage
VDD(VLC0)
VDD
VLC1
VLC2
VLC3
VLC4
VLC5
Output port
µPD16434
CPU
VDD
Remark The power fed to the CPU and the
µ PD16434 must be from the same source.
(2) Clearing standby mode by RESET signal
For a system for which only the contents of the data memory need be held when the standby mode is cleared,
the RESET signal can be used to clear the standby mode.
When using the RESET signal for clearing the standby mode, set the RESET signal to high after the standby
mode is initiated (this can be checked by determining whether the /BUSY is set to high), then set the RESET signal
to low when clearing the standby mode. While the RESET signal is high, the LCD drive voltage becomes the same
as when it is in the reset operation, and no voltage is applied to the LCD. However, unlike normal reset operation,
the contents of the data memory will not become undefined by the RESET signal. The data which existed before
entering the standby mode is retained, and it can be used after clearing the standby mode. In a system which uses
this method, the current path control by the RESET signal shown in Figure5–5 can be used.
7.2 Stopping Clock Supply and Retaining Data at Low Voltage in Standby Mode
In the standby mode, only the data memory contents can be retained at a reduced voltage level. In this case, the
power consumption can be further reduced by stopping the CLOCK supply to the
µ PD16434. When stopping the
CLOCK supply to the
µ PD16434 in the standby mode, check that the µ PD16434 is in the standby mode (check that
the /BUSY signal is high, after executing the STOP command), set the RESET signal to high, then stop the CLOCK
supply to the
µ PD16434 after the specified time period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com