Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 8 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 8 Page - NEC

Back Button UPD7228 Datasheet HTML 4Page - NEC UPD7228 Datasheet HTML 5Page - NEC UPD7228 Datasheet HTML 6Page - NEC UPD7228 Datasheet HTML 7Page - NEC UPD7228 Datasheet HTML 8Page - NEC UPD7228 Datasheet HTML 9Page - NEC UPD7228 Datasheet HTML 10Page - NEC UPD7228 Datasheet HTML 11Page - NEC UPD7228 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Data Sheet S10299EJ4V0DS00
8
µµµµ PD16434
1.11 SYNC (Synchronous) … 3-state input/output
In a multi-chip configuration, in which the row drive signal is commonly used, this pin inputs/outputs the
synchronous signal in order to synchronize the phases of all LCD drive alternate cycle signals (row/column signals)
with the frame period.
One chip in the multi-chip configuration is selected as the master, and the SYNC pin of the master is set to the
output mode.
The remaining chips all serve as slave chips, and these SYNC pins are set to the input mode.
The SMM command is used to specify whether the pin functions as an input or output pin.
The master chip, set in the output mode, outputs the SYNC pulse in the last cycle in each frame. A slave chip
reads the SYNC pulse output from the master chip for synchronization with the master chip.
Figure 1-1 and Figure 1-2 show SYNC pulse output timing waveforms in 8-time-division and 16-time-division
modes, respectively.
In single chip configuration, the SYNC pin can be set in either the input or output mode. However, when it is set in
the input mode, the SYNC pin must be fixed to VSS. If it is set in the output mode, the SYNC pin must be left open.
Figure 1–1. SYNC Signal in 8-Time-Division Mode
1 frame
ROW0
SYNC
Figure 1–2. SYNC Signal in 16-Time-Division Mode
ROW0
SYNC
1 frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com