Electronic Components Datasheet Search
  English  ▼

X  

UPD7228 Datasheet(PDF) 14 Page - NEC

Part # UPD7228
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 14 Page - NEC

Back Button UPD7228 Datasheet HTML 10Page - NEC UPD7228 Datasheet HTML 11Page - NEC UPD7228 Datasheet HTML 12Page - NEC UPD7228 Datasheet HTML 13Page - NEC UPD7228 Datasheet HTML 14Page - NEC UPD7228 Datasheet HTML 15Page - NEC UPD7228 Datasheet HTML 16Page - NEC UPD7228 Datasheet HTML 17Page - NEC UPD7228 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Data Sheet S10299EJ4V0DS00
14
µµµµ PD16434
2.4 Data Pointer
The data pointer consists of a 6-bit binary counter (DP5 to DP0) and 1-bit bank flag (BNKF). It specifies the data
memory address.
Figure2–4. Data Pointer Organization
BNKF
DP5
DP4
DP3
DP2
DP1
DP0
6-bit binary counter
The contents of the bank flag and the 6-bit binary counter are set simultaneously by the immediate data from the
LDPI command.
The bank flag contents specify the data memory bank (BNKF=0 : Bank 0, BNKF=1 : Bank 1), and the 6-bit binary
counter contents specify the address (00H to 31H) in the bank specified by the bank flag. The 6-bit binary counter is an
up/down counter. Its contents are modified (+1,
−1, or held) each time a read, write, or AND operation is performed, or
an 8-bit data is input/output in the OR mode, according to the specifications for each mode setting command.
When the BSET or BRESET command is executed, the 6-bit binary counter contents are modified (+1,
−1, or
held) each time according to the command specification.
In addition, in the character mode, the 6-bit binary counter contents are modified (+5,
−5) each time an 8-bit data
is input or a cursor processing command is executed.
Remark
The 6-bit binary counter value can exceed the limit of the data memory address space. For example, if
the 6-bit binary counter is decremented (
−1) from 00H, the value will be 3FH, or it is incremented (+1)
from 31H, the value will be 32H. However, the data memory will perform nothing for the command
specifying an address from 32H to 3FH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com