Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 2Page - STMicroelectronics UM0402 Datasheet HTML 3Page - STMicroelectronics UM0402 Datasheet HTML 4Page - STMicroelectronics UM0402 Datasheet HTML 5Page - STMicroelectronics UM0402 Datasheet HTML 6Page - STMicroelectronics UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics UM0402 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Overview
UM0402
6/35
1.4
Multi tariff meter features
●
Cost-effective and flexible, based on STPM14
●
Fulfils class 1 accuracy for Ib=5A and Imax=80A according to IEC 61036:1996 + A1:
2000, Static meter for active energy (classes 1 and 2)
●
Operating Voltage range 220V ±20%
●
Continuously detects and displays No load condition, Reverse direction and fraud &
case Tamper conditions
●
Configurable number of tariffs (1 to 4) and Maximum demand Type (day type, one
month type or three month type)
●
Accumulated data for whole meter life (Total kWh consumption, Average MDs, Total
number of Tariffs, Tariff time slots, consumption under different tariff rates, power failure
date/time)
●
Data for last 12 months (Consumption under Tamper mode for each month, First/last
Case/fraud Tamper Date/time, total Tamper time and power failure accumulating time
for each month)
●
Data for Absolute Maximum Demand (Absolute MD, Date/Time) according toType of
MD requested
●
SW LCD driver for 24X4 segments LCD glass with contrast control
●
RTC with SPI exists for real Date/Time
●
EEPROM with SPI for storing 256 Kbit of data
●
Case tamper detection in power down also
●
External switch to see all the data stored into EEPROM sequentially even when AC
power is not available
●
Battery backup to detect tampering and see all the parameters stored in EEPROM
during power down also
●
Single point and fast calibration of STPM14 for Class 1 meter
1.5
Recommended reading
This documentation describes how to use the Multi Tariff Meter Reference Board.
Additional information can be found in the following documents:
●
STPM14 datasheet;
●
Components datasheets;
●
inDART-STX for ST7 User's Manuals;
●
IEC 62056 IrDA Protocol Mode C;
●
IrDA module for Multitariff Meter user manual.
1.6
Obtaining technical support
Technical assistance is provided free to all customers. For technical assistance,
documentation, information and updates about products and services, please refer to your
local ST distributor/office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com