Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics UM0402 Datasheet HTML 22Page - STMicroelectronics UM0402 Datasheet HTML 23Page - STMicroelectronics UM0402 Datasheet HTML 24Page - STMicroelectronics UM0402 Datasheet HTML 25Page - STMicroelectronics UM0402 Datasheet HTML 26Page - STMicroelectronics UM0402 Datasheet HTML 27Page - STMicroelectronics UM0402 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Additional features
UM0402
24/35
6
Additional features
6.1
STPM14 programming
All the configuration bits that control the operation of the STPM14 device can be written in a
temporary or permanent way (respectively in the so-called shadow registers or in the OTP
memory) through a serial interface.
Software PC GUI is available with the reference board to write calibration and configuration
bits in the device. A parallel hardware programmer interfaces the PC and the reference
board through J2 10 pins connector, as shown in Figure 3.
Figure 3.
Board connected to parallel hardware interface
For more details on calibration and configuration bits please refer to STPM14 datasheet.
For more details on GUI interface please refer to user manual UM0128.
6.2
In-circuit programming
The ICP feature allows you to update the contents of Flash program memory when the chip
is already plugged into the application board. ICP programming uses the ICC (In-Circuit
Communication) serial protocol to interface a programming tool like inDART®. ICP offers the
following benefits:
●
In-circuit debugging
●
Real time code execution without probes
●
Customization of the application
●
Easy application debug.
J1 10 pins connector is available for ICP functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com