Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics UM0402 Datasheet HTML 10Page - STMicroelectronics UM0402 Datasheet HTML 11Page - STMicroelectronics UM0402 Datasheet HTML 12Page - STMicroelectronics UM0402 Datasheet HTML 13Page - STMicroelectronics UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
UM0402
Firmware features
11/35
4.2
Maximum demand management and configuration
The maximum demand (MD) is the maximum continuous load (kW) which remains for a
certain period. This period is programmable and can be chosen from 1 minute up to 60
minutes. There are three types of absolute maximum demand which are defined:
a)
Daily based,
b)
Monthly based,
c)
Quarterly based.
According to this selection, the absolute maximum demand will be calculated and stored for
each day, or for each month or for each quarter in a 12 month base.
Out of these three options, one can be selected by the user in the lib.h file by preprocessor
directive; in the same way it is possible to program the period of constant load.
An example definition is given below:
/* define type for MD*/
#defineMD_minutes 1
// #defineDAY1
#defineONE_MONTH 1
// #defineTHREE_MONTHS 1
In every case the average of these maximum demands is calculated and stored for a year
as:
●
last three months average maximum demand,
●
second last three months average maximum demand,
●
third last three months average maximum demand,
●
fourth last three months average maximum demand,
●
last six months average maximum demand,
●
last nine months average maximum demand
●
last twelve months average maximum demand.
In the following paragraphs the three types of MD will be explained in detail.
4.2.1
Day type maximum demand
In this type the storing period is chosen and programmed to be one day.
As an example, the maximum load period is chosen and programmed to be 15 minutes.
If on the first day (e.g. 25th Dec'06) there is a continuous load of 150 kW for 15 minutes
starting from 10:15PM to 10:30PM, and another one of 200 kW for 10 minutes starting from
11:11PM to 11:21PM, the meter stores the value of 150 kW as the "maximum demand" of
that day with date 25th Dec'06 and time 22:30:00 in 24Hour HH:MM:SS format.
The meter acts the same way for each day. Average maximum demands are calculated
using the MD values of each day.
Then at the end of the month, the meter calculates and stores:
●
maximum demand for each day of the month,
●
average maximum demands of all types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com