Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics UM0402 Datasheet HTML 17Page - STMicroelectronics UM0402 Datasheet HTML 18Page - STMicroelectronics UM0402 Datasheet HTML 19Page - STMicroelectronics UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics UM0402 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Multi-tariff meter operation
UM0402
18/35
5
Multi-tariff meter operation
5.1
Normal operation
Connect the meter to the voltage source and to the load, as shown in Figure 2 on page 7,
and power on the board by plugging it into the AC line socket, or by powering on the AC
source to which line and neutral wires are connected.
During normal operation, the meter is supplied with the line voltage, the microcontroller is in
Run Mode and all devices are powered on.
The red LED just below the LCD blinks with a frequency proportional to active power
measured by STPM14 (pulse constant is set to 1000imp/kWh) and the LCD displays active
energy measured, current tariff and other symbols, as listed below in details.
5.1.1
Tamper mode
The meter is able to detect and manage two types of tamper:
●
box tamper (when the box is opened). This event can be simulated with jumper J1.
●
fraud tamper
The STPM14 metering device is also able to detect tamper on the line or voltage wire. If a
difference between currents in line and neutral wire is detected the device enters tamper
mode.
In normal mode, the current averages with a 50% multiplex ratio between the two channels.
In tamper mode only the higher current is used for energy computation and the other current
is monitored only to check if tamper is still present. For more details about line tamper
please refer to STPM14 datasheet.
Both box and line tamper events are detected by the microcontroller, which also records
their timestamp and other sensitive data.
During a tamper event the LCD displays the E bottom (tamper) symbol. The energy
computation is still performed and increases the total energy; moreover the meter computes
and stores the total amount of energy consummated during tamper events for each month.
5.1.2
IR Mode
The meter implements a simple IrDA communication, compliant with IEC 62056 protocol
mode C, using two led (…) as transmitter and receiver.
In this way it is possible to read all information stored in EEPROM, as energy consumption,
tamper information and MD data or to change application parameters without opening the
meter case or stopping its operation.
A firmware library has been developed to communicate, through a hand held unit (HHU)
connected to PC serial port, with a GUI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com