Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics UM0402 Datasheet HTML 17Page - STMicroelectronics UM0402 Datasheet HTML 18Page - STMicroelectronics UM0402 Datasheet HTML 19Page - STMicroelectronics UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics UM0402 Datasheet HTML 22Page - STMicroelectronics UM0402 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
UM0402
Multi-tariff meter operation
19/35
With a predefined command set, sent by the GUI and the HHU to the microcontroller, it is
possible to:
●
read from a specified EEPROM memory location,
●
read from microcontroller RAM,
●
write in a specified EEPROM memory location,
●
reset all EEPROM memory locations
●
set RTC time and date.
The GUI allows the baud rate to be set (from 300 to 19200 bps), the parity (odd / even),
communication port, data format and other communication parameters.
Two windows are available in the GUI, showing data sent and received from the
microcontroller, in hexadecimal and ASCII format.
For further details about the implemented IrDA protocol, refer to the IEC 62056 Protocol
Mode C document. For the operation of the GUI and the command set please refer to the
IrDA module for multi-tariff meter user manual.
5.1.3
LCD display
Below is a table listing all the information available for display on the LCD. Each screen of
data is displayed one at a time following a press of the push button. Once the push button
has been pressed, if it is not pressed in another 30 seconds the LCD returns to the first
screen (screen 0).
Table 8.
LCD Common Information
Screen n.
Data
Format
Symbol
Meaning
0
Energy
Consumption
0000000.0
A
Active energy
kWh
Measure Unit
Phase 1
A1 / A2 / A3 / A4
Current tariff
E bottom
Tamper detected
Negative Power Direction
X
No Load Condition
detected
1
Instantaneous
power
consumption
00000.000
PPower
kW
Measure Unit
2
Average maximum
demand for last 3
months
00000.000
PPower
kW
Measure Unit
3
Average maximum
demand for
second last 3
months
00000.000
PPower
kW
Measure Unit
4
Average maximum
demand for third 3
months
00000.000
PPower
kW
Measure Unit
1
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com