Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 23Page - STMicroelectronics UM0402 Datasheet HTML 24Page - STMicroelectronics UM0402 Datasheet HTML 25Page - STMicroelectronics UM0402 Datasheet HTML 26Page - STMicroelectronics UM0402 Datasheet HTML 27Page - STMicroelectronics UM0402 Datasheet HTML 28Page - STMicroelectronics UM0402 Datasheet HTML 29Page - STMicroelectronics UM0402 Datasheet HTML 30Page - STMicroelectronics UM0402 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
UM0402
Schematics
27/35
Figure 8.
IR and reset schematic
Figure 9.
Connectors and LCD schematic
Q1
PHOTO NPN
D10
R35
4.7K
C31
10NF
R29
10K
R30
3k
X1
16 MHZ
1
2
3
OSC1
SW2
+5.0V
R39
39
C33
100nF
Q2
BC847
2
R41
10k
R40
220
IRIN
+5.0V
+5.0V
IROUT
U7A
74HC04
1
2
+5.0V
+5.0VB
RESET
Q3
BC847
2
OSC2
+5.0VB
R36
10K
VPP
C32
100NF
OSC1
J7
LCD DE7936/V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
JA1
ICP CONNETCTOR
1
2
3
4
5
6
7
8
9
10
ICCCLK
ICCDATA
RESET
COM1
COM3
COM4
PD2
PB6
PB4
PB2
PB0
PA5
PA4
PE6
PF7
PF5
PF6
PD3
PD7
PD1
PD5
PB7
PB3
PB5
PB1
PE7
PD6
COM2
PF4
PD0
PD4
COM1
COM2
COM3
COM4
J6
1
2
3
4
5
6
7
8
9
10
NPD
NLCD
TMPD
SCS
LED
VOTP
+5.0VB
+5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com