Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 10Page - STMicroelectronics UM0402 Datasheet HTML 11Page - STMicroelectronics UM0402 Datasheet HTML 12Page - STMicroelectronics UM0402 Datasheet HTML 13Page - STMicroelectronics UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics UM0402 Datasheet HTML 17Page - STMicroelectronics UM0402 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Firmware features
UM0402
14/35
Table 2.
EEPROM common information
EEPROM
Address
Description
Data Type
00h
kWh_Energy
unsigned long
04h
Pulse_Count
unsigned int
06h
Av_Max_Demmand_1st_three
unsigned int
08h
Av_Max_Demmand_2nd_three
unsigned int
0Ah
Av_Max_Demmand_3rd_three
unsigned int
0Ch
Av_Max_Demmand_4th_three
unsigned int
0Eh
Av_Max_Demmand_last_six
unsigned int
10h
Av_Max_Demmand_last_nine
unsigned int
12h
Av_Max_Demmand_last_twelve
unsigned int
14h
IRQTAMPER
Bool
14h
TMPD
Bool
14h
E_TAMPER
Bool
14h
First_Fraud
Bool
14h
First_Box
Bool
14h
Installation_Check
Bool
15h
Total_No_Tarrifs
unsigned char
16h
Tarrif_Time[0] : Hour,Min,Sec
unsigned char
19h
Tarrif_Time[1] : Hour,Min,Sec
unsigned char
1Ch
Tarrif_Time[2] : Hour,Min,Sec
unsigned char
1Fh
Tarrif_Time[3] : Hour,Min,Sec
unsigned char
22h
Tarrif[0] : Tarrif_Rate
float
26h
Tarrif[0] : kWh_Energy_Tarrif
volatile unsigned long
2Ah
Tarrif[0] : Pulse_Count_Tarrif
volatile unsigned int
2Ch
Tarrif[1] : Tarrif_Rate
float
30h
Tarrif[1] : kWh_Energy_Tarrif
volatile unsigned long
34h
Tarrif[1] : Pulse_Count_Tarrif
volatile unsigned int
36h
Tarrif[2] : Tarrif_Rate
float
3Ah
Tarrif[2] : kWh_Energy_Tarrif
volatile unsigned long
3Eh
Tarrif[2] : Pulse_Count_Tarrif
volatile unsigned int
40h
Tarrif[3] : Tarrif_Rate
float
44h
Tarrif[3] : kWh_Energy_Tarrif
volatile unsigned long
48h
Tarrif[3] : Pulse_Count_Tarrif
volatile unsigned int
4Ah
Index_Month_Data
volatile unsigned char
4Bh
Index_day_three_mon_Data
volatile unsigned int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com