Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics UM0402 Datasheet HTML 10Page - STMicroelectronics UM0402 Datasheet HTML 11Page - STMicroelectronics UM0402 Datasheet HTML 12Page - STMicroelectronics UM0402 Datasheet HTML 13Page - STMicroelectronics UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Firmware features
UM0402
12/35
In EEPROM, the storing of the day type MD for each day is defined as below:
If the particular year is a leap year, then 59th index data will be filled by 29th Feb maximum
demand, otherwise index will be incremented by 2 which leaves the 59th index maximum
demand data as it was.
4.2.2
Month type maximum demand
In this type the storing period is chosen and programmed to be one month.
As an example, the maximum load period is chosen and programmed to be 15 minutes.
The maximum demand of a day is calculated as in the previous case.
If the first day the absolute maximum demand is 150 kW, and the second day it is 75 kW, the
meter keeps the value of the 150 kW of the previous day as the maximum demand value.
If the third day the maximum demand is 200 kW, the meter stores 200 kW with new date and
time instead of the 150 kW as maximum demand of the month.
At the end of the month the meter stores only one value of maximum demand, and
calculates average maximum demands using the MD values of each month.
Then at the end of the month, the meter calculates and stores:
●
maximum demand of the month,
●
average maximum demands of all types.
In EEPROM, the storing of month type MD for each month is defined as below:
4.2.3
Quarter type maximum demand
In this type the storing period is chosen and programmed to be three months.
Let suppose that the maximum load period is chosen and programmed to be 15 minutes.
The maximum demand of each month is calculated as in the previous case.
Moreover, at the end of each month the maximum demand of the quarter is calculated as
the maximum demand of the three months of the quarter, and average maximum demands
are calculated using the MD values of each month.
Summarizing, at the end of month meter calculates and stores:
●
maximum demand of the month,
●
maximum demand of the quarter,
●
average maximum demands of all types.
Name
Index
0
1
..
..
..
57
58
59
60
..
..
..
..
..
..
..
..
..
..
..
..
365
Name
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Index
01
23
45
678
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com