Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 13Page - STMicroelectronics UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics UM0402 Datasheet HTML 17Page - STMicroelectronics UM0402 Datasheet HTML 18Page - STMicroelectronics UM0402 Datasheet HTML 19Page - STMicroelectronics UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
UM0402
Firmware features
17/35
In EEPROM, 12 EEPROM_MD_Union structures each having 8 Bytes of data are stored as
below:
4.4.4
Storage specific for quarter type maximum demand
2 pages of 64 Bytes are used for storing 12 structures of EEPROM_AMD_Union data type
for Maximum demand information of each month and 1 page of 64 Bytes are used for
storing 4 structures of EEPROM_AMD_Union data type for Maximum demand information
of 4 - three months blocks.
Current EEPROM_MD_Union structure contains the Maximum Demand information of the
current month and EEPROM_MD_Union_Three_Mon structure contains the maximum
demand of the current block of three months. So, there are 128 (96+32) Bytes (12x8 + 4x8
Bytes) of data present in EEPROM related to three months type Maximum Demand.
EEPROM_MD_Union structure of EEPROM_AMD_Union data type is stored as below:
In EEPROM, 12 EEPROM_MD_Union structures each having 8 Bytes of data are stored as
below:
EEPROM_MD_Union_Three_Mon structure of EEPROM_AMD_Union data type is stored
as below:
In EEPROM, 4 EEPROM_MD_Union_Three_Mon structures each having 8 Bytes of data
are stored as below:
Name
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Index
01
23
45
678
9
10
11
Table 6.
EEPROM quarter type MD information
EEPROM
Address
Description
Data Type
380h
Absolute_MD
unsigned int
382h
Time_Ab_MD : Sec, Min, Hour
volatile unsigned char
385h
Date_Ab_MD : Day, Month, Year
volatile unsigned char
Name
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Index
01
23
45
678
9
10
11
Table 7.
EEPROM quarter type MD information
EEPROM
Address
Description
Data Type
400h
Absolute_MD
unsigned int
402h
Time_Ab_MD : Sec, Min, Hour
volatile unsigned char
405h
Date_Ab_MD : Day, Month, Year
volatile unsigned char
Name
JAN, FEB, MAR
APR, MAY, JUN
JUL, AUG, SEP
OCT, NOV, DEC
Index
0
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com