Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0402 Datasheet HTML 1Page - STMicroelectronics UM0402 Datasheet HTML 2Page - STMicroelectronics UM0402 Datasheet HTML 3Page - STMicroelectronics UM0402 Datasheet HTML 4Page - STMicroelectronics UM0402 Datasheet HTML 5Page - STMicroelectronics UM0402 Datasheet HTML 6Page - STMicroelectronics UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
April 2007
Rev 1
1/35
UM0402
User manual
Single-phase multi-tariff energy meter
Introduction
This user manual describes the functions and features of the single-phase multi-tariff energy
meter.
The reference board is an integrated system designed to provide a complete, ready-to-use
energy meter application. It is a medium-end solution for power metering, using the
ST72F321 microcontroller, the M41T94 Real Time Clock, the M95256 EEPROM and the
STPM14 energy meter ASSP device.
The multi-tariff energy meter reference board implements several features including multi-
tariff management, absolute and average maximum demand calculation, two types of
tamper management and power failure management. It can therefore be used as a platform
for evaluation and development of meter applications.
The aim of this guide is to provide:
■ Procedures for getting the reference board functioning quickly
■ An overview of the implementation of meter main features
■ The information required to be able to customize meter features.
www.st.com


Similar Part No. - UM0402

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
UM040 OHMITE-UM040 Datasheet
382Kb / 2P
Special versions possible
logo
STMicroelectronics
UM0401 STMICROELECTRONICS-UM0401 Datasheet
525Kb / 17P
User manual for eight bit port expander
05-Jun-2007
More results

Similar Description - UM0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
Single Phase Energy Meter IC
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
Single Phase Energy Meter IC
logo
Schneider Electric
A9MEM3175 SCHNEIDER-A9MEM3175 Datasheet
133Kb / 3P
iEM3175 energy meter - 63 A - LON - 1 digital I - multi-tariff - MID
May 21, 2020
A9MEM3275 SCHNEIDER-A9MEM3275 Datasheet
135Kb / 3P
iEM3275 energy meter - CT - LON - 1 digital I - multi-tariff - MID
A9MEM3375 SCHNEIDER-A9MEM3375 Datasheet
115Kb / 3P
iEM3375 energy meter - 125 A - LON - 1 digital I - multi-tariff - MID
A9MEM3455 SCHNEIDER-A9MEM3455 Datasheet
129Kb / 3P
iEM3455 energy meter - Modbus - 1 DI - 1 DO - multi-tariff - LVCT
A9MEM3465 SCHNEIDER-A9MEM3465 Datasheet
129Kb / 3P
iEM3465 energy meter - BACnet - 1 DI - 1 DO - multi-tariff - LVCT
A9MEM3565 SCHNEIDER-A9MEM3565 Datasheet
129Kb / 3P
iEM3555 energy meter - BACnet - 1 DI - 1 DO - multi-tariff - Rogowski coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com