Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0402 Datasheet HTML 1Page - STMicroelectronics UM0402 Datasheet HTML 2Page - STMicroelectronics UM0402 Datasheet HTML 3Page - STMicroelectronics UM0402 Datasheet HTML 4Page - STMicroelectronics UM0402 Datasheet HTML 5Page - STMicroelectronics UM0402 Datasheet HTML 6Page - STMicroelectronics UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Overview
UM0402
4/35
1
Overview
1.1
Safety rules
This board can be connected to mains voltage (220V). In the case of improper use, wrong
installation or malfunction, there is a danger of serious personal injury and damage to
property. All operations such as transport, installation and commissioning as well as
maintenance should be carried out only by skilled technical personnel (regional accident
prevention rules must be observed).
Danger:
Due to the risk of death when using this prototype on mains
voltage (220V), only skilled technical personnel who are
familiar with the installation, mounting, commissioning and
operation of power electronic systems and have the
qualifications needed to perform these functions, may use
this prototype.
1.2
Conventions
The lowest analog and digital power supply voltage is called VSS. All voltage specifications
for digital input/output pins are referred to as VSS. The highest OTP writing power supply
voltage is VOTP. The highest power supply voltage of the device is VCC.
Positive currents flow into a pin. Sinking means that the current flows to the pin while
sourcing means that the current flows from the pin.
Timing specifications of signals treated by the device are relative to the CLKOUT. This signal
is fed from a 4.194 MHz on-board crystal oscillator.
Timing specifications of SPI interface signals are relative to the SCLNLC, which need not to
be in phase with CLKOUT.
A positive logic convention is used in all equations.
1.3
Multi tariff meter description
The single-phase multi-tariff energy meter reference board is designed using STPM14
metering ASSP and ST72F321BR6 microcontroller.
The STPM14 belongs to STPM1x metering devices family. It measures the active energy
that is output as a pulse train with a frequency proportional to the measured power. It
supports tamper detection, monitoring both phase and neutral line wires, where two current
transformers are used as current sensors. The clock to STPM14 is supplied by a crystal of
frequency 4.194304 MHz.
The microcontroller drives the LCD, processes measurements coming from the ASSP and
manages RTC and EEPROM functionalities, for example saving relevant data in EEPROM
before moving to halt mode during power down. It also manages maximum demand
calculation on a daily, monthly or three-month base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com