Electronic Components Datasheet Search
  English  ▼

X  

UM0402 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 3Page - STMicroelectronics UM0402 Datasheet HTML 4Page - STMicroelectronics UM0402 Datasheet HTML 5Page - STMicroelectronics UM0402 Datasheet HTML 6Page - STMicroelectronics UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics UM0402 Datasheet HTML 10Page - STMicroelectronics UM0402 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
UM0402
Getting started
7/35
2
Getting started
2.1
Multi-tariff meter checklist
The Multi-tariff meter reference kit includes the following items:
●
Reference design board (Figure 1)
●
STPM14 programmer
●
An interactive CD-ROM with software and documentation.
2.2
Equipment requirements
To operate the multi-tariff meter reference board it is necessary to use a 220 V, 50 Hz AC
supplier or a simple connection to the line voltage.
2.3
Installing the hardware
Connect the board to line and neutral wires of voltage source and to load, as displayed
below.
The line and neutral voltage source wires can be either connected to a plug, to be plugged
into the line socket, or to an AC voltage source, providing 220 VAC.
Figure 2.
Multi-tariff meter board connections
AC Source
Load
N
P
N
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com