Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 5 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 5 Page - NEC

  UPD9903 Datasheet HTML 1Page - NEC UPD9903 Datasheet HTML 2Page - NEC UPD9903 Datasheet HTML 3Page - NEC UPD9903 Datasheet HTML 4Page - NEC UPD9903 Datasheet HTML 5Page - NEC UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
µPD9903
5
1.
PIN FUNCTIONS
Number
Pin Name
I/O
Function
1-10
NC
–
Leave this pin open.
11
AVDD
–
+5 V power supply (analog)
12
DVDD1
–
+5 V power supply (digital)
13
DVDD2
–
+5 V power supply (digital)
14
AUX/MODE
I
External signaling input
15
BSY
O
BUSY LED driver output
16
SUS
O
SUS LED driver output
17
RST
I
Pin for reset input and power-on reset
H: HWX valid, L: HWX output’s internal F/F clear status
18
EXS
O
SIPO sync signal output for expansion port Note 1
19
EXD
O
SIPO serial data output for expansion port Note 1
20
HWR
I
Reception highway input [PCM data (8-bit) + CTL data (8-bit)]
21
DCLK
I
Clock input (2.048 MHz)
22
FS
I
8-kHz sync input
Rising : HWR PCM data input start
Rising : HWX PCM data output start
Falling: HWR CTL data input start
Falling: HWX SCN data output start
23
HWX
O
Transmission highway output [PCM data (8-bit) + SCN data (8-bit)]
24
TYPE
O
HWX data enable
25
RTIN1
I
Ring-Trip signal input 2
26
RTIN0
I
Ring-Trip signal input 1
27
RC3
O
Relay control for network testing
[to the
µPC7073’s pin 22]
28
RC2
O
Relay control for line testing
[to the
µPC7073’s pin 21]
29
RC1
O
Relay control for ringer transmit
[to the
µPC7073’s pin 20]
30
BCUT
O
High and wet control output
[to the
µPC7073’s pin 19]
31
ALM
O
Control output for ground-fault/power line contact protection mode
[to the
µPC7073’s pin 18]
32
PD
O
Power-down control output
[to the
µPC7073’s pin 17]
33
DGND2
–
Digital ground 2 Note 2
34
DGND1
–
Digital ground 1 Note 2
35
SUB
–
Substrate ground Note 2
36
AGND
–
Analog ground Note 2
37
ACOMIN
I
Signal ground input Note 3
[to the
µPC7073’s pin 11]
38
ACOMOUT
O
Signal ground output Note 3
[to the
µPC7073’s pin 11]
39
AOUT
O
Analog signal output for receive side
[to the
µPC7073’s pin 10]
40
AIN
I
Analog signal input for transmit side
[to the
µPC7073’s pin 9]
41
AGDT
I
Tip-Ring sum current detection input
[to the
µPC7073’s pin 8]
42
ASCN
I
Tip-Ring difference current detection input
[to the
µPC7073’s pin 7]
43
BBIN
IVBB voltage information input
[to the
µPC7073’s pin 6]
Notes 1. SIPO: Serial In Parallel Out
2. Short AGND, DGND1, DGND2, and SUB directly under the IC and connect them to an analog ground.
3. Short ACOMIN and ACOMOUT directly under the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com