Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 10 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 10 Page - NEC

Back Button UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC UPD9903 Datasheet HTML 12Page - NEC UPD9903 Datasheet HTML 13Page - NEC UPD9903 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
µPD9903
10
DC Characteristics (TA = 0 to 70
°C, VDD = 5 V ± 0.25 V, VDG = VAG = 0 V, fDCLK = 2048 kHz, all output pins are
unloaded)
(1) Current consumption
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Circuit current
IDD
During normal mode
15
21
mA
Power-down circuit current
IDDPD
During power-down mode
46
6
(2) Digital interface
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Digital input current
IID
0
≤ VDIN ≤ VDD for FS, DCLK, HWR,
–10
+10
µA
RTIN0, RTIN1, and RST pins
Digital input pull-up current
IIL
VDIN = 0 V for AUX/MODE pin
–50
–7
–0.5
3-state leakage current
IL
0
≤ VDIN ≤ VDD for HWX pin
–10
+10
Low level output voltage
VOL1
IOL = 3.4 mA for HWX pin
0.4
V
VOL2
IOL = 0.2 mA for RC1, RC2, RC3, BCUT,
0.4
ALM, PD, EXS, and EXD pins
VOL3
IOL = 5 mA for BSY and SUS pins
1.1
High level output voltage
VOH1
IOH = –0.6 mA for HWX and TYPE pins
2.4
VOH2
IOH = –2.0 mA for RC1, RC2, RC3, BCUT,
2.4
ALM, PD, EXS, and EXD pins
VOH3
IOH = 0 mA for BSY and SUS pins
VDD – 0.5
Output capacitance of digital
COD
f = 1 MHz,
15
pF
output pin
unmeasured pins returned to 0 V
Input capacitance of digital
CID
f = 1 MHz,
10
input pin
unmeasured pins returned to 0 V
(3) AIN pin
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Input bias current
IB
Input voltage:
–10
+10
µA
Input resistance
RIN
1M
Ω
Input capacitance
CIN
10
pF
(4) AOUT pin
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Output offset voltage
VOA
HWR PCM data: zero PCM code,
–100
+100
mV
referenced to VACOM
Output resistance
ROUT
I/O current: –100 to +100
µA50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com