Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 8 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 8 Page - NEC

Back Button UPD9903 Datasheet HTML 4Page - NEC UPD9903 Datasheet HTML 5Page - NEC UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC UPD9903 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
µPD9903
8
3.
ELECTRICAL SPECIFICATIONS
3.1
Discrete unit Ratings
Absolute maximum ratings (TA = +25
°C)
Parameter
Symbol
Conditions
Rating
Units
Power supply voltage
VDD
AVDD, DVDD1, DVDD2
–0.3 to +7.0
V
Analog input voltage
VAIN
AIN, ASCN, AGDT, ACOMIN, BBIN,
–0.3 to VDD + 0.3
DCIN1, DCIN2, and DCIN3 pins
Digital input voltage
VDIN
HWR, DCLK, FS, RST, AUX/MODE,
–0.3 to VDD + 0.3
RTIN0, and RTIN1 pins
Applied voltage to analog
VAOUT
AOUT, DCOUT1, DCOUT2, and ACOMOUT
–0.3 to VDD + 0.3
output pin
pins
Applied voltage to digital
VDOUT
HWX, BSY, SUS, RC1, RC2, RC3, EXS,
–0.3 to VDD + 0.3
output pin
EXD, BCUT, ALM, PD, and TYPE pins
Power dissipation
PT
500
mW
Ambient operating temperature
TA
0 to +70
˚ C
Storage temperature
Tstg
–65 to +150
Caution
If the absolute maximum rating for any of the above parameters is exceeded even momentarily,
it may adversely affect the quality of this product. In other words, these absolute maximum
ratings have been set to prevent physical damage to the product. Do not use the product in such
a way as to exceed any of these ratings.
Recommended operating conditions (TA = 0 to 70
°C, VDD = 5 V ± 5 %, GND = 0 V)
(1) DC conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Ambient operating temperature
TA
0
2570˚ C
Power supply voltage
VDD
4.75
5.0
5.25
V
Analog input voltage
VAI
ASCN, and AGDT pins
0
VDD
Analog input driving
RLA1
ASCN, and AGDT pins
20
k
Ω
resistance
Analog output load resistance
RLOAD
AOUT pin
100
Analog output load capacitance
CLOAD
100
pF
Low level input voltage
VIL1
FS, DCLK, HWR, and AUX/MODE pins
0
0.8
V
VIL2
RST, RTIN0, and RTIN1 pins
0
0.2
× VDD
High level input voltage
VIH1
FS, DCLK, HWR, and AUX/MODE pins
2.0
VDD
VIH2
RST, RTIN0, and RTIN1 pins
0.8
× VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com