Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 1 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 1 Page - NEC

  UPD9903 Datasheet HTML 1Page - NEC UPD9903 Datasheet HTML 2Page - NEC UPD9903 Datasheet HTML 3Page - NEC UPD9903 Datasheet HTML 4Page - NEC UPD9903 Datasheet HTML 5Page - NEC UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©
1996
DATA SHEET
MOS INTEGRATED CIRCUIT
The
µPD9903 is a digital CODEC that can be used in analog subscriber circuits such as private branch exchangers
(PBXs) and switching equipment for central offices. It features three of the functions required for analog subscriber
circuits: 2W/4W conversion, CODEC supervision, and subscriber line supervision.
Use of the
µPD9903 in combination with a BS-SLIC (µPC7073) can reduce the number of components required
in analog subscriber circuits.
FEATURES
• Single-chip monolithic LSI (CMOS)
• PCM CODEC
→ oversampling-type A/D and D/A converters
• Programmable functions
•
Termination impedance
•
Hybrid balance network
•
Feed resistance
•
Feed current
•
PAD control
•
A-law and
µ-law
•
Digital gain set function
•
Ring-Trip function
•
Single power supply (+5 V)
•
Low power consumption during standby mode: 20 mW (TYP.)
ORDERING INFORMATION
Part Number
Package
µPD9903GT
48-pin plastic shrink SOP (375 mil)
µPD9903
µPD9903 ANALOG SUBSCRIBER LINE LSI (DIGITAL CODEC)
The information in this document is subject to change without notice.
Document No. S10897EJ3V0DS00 (3rd edition)
Date Published June 1997 N
Printed in Japan
The mark
shows major revised points.


Similar Part No. - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD9930G-22 NEC-UPD9930G-22 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930G-22 RENESAS-UPD9930G-22 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
UPD9971 RENESAS-UPD9971 Datasheet
892Kb / 112P
MOS INTEGRATED CIRCUIT
2005
More results

Similar Description - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPC7073 NEC-UPC7073 Datasheet
103Kb / 20P
UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC
logo
Siemens Semiconductor G...
PEB3065 SIEMENS-PEB3065 Datasheet
563Kb / 102P
Signal Processing Subscriber Line Interface Codec Filter SLICOF
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Synaptics Incorporated.
RS8953B CONEXANT-RS8953B Datasheet
1Mb / 173P
High-Bit-Rate Digital Subscriber Line (HDSL) channel unit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
Asymmetric Digital Subscriber Line
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com