Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 7 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 7 Page - NEC

Back Button UPD9903 Datasheet HTML 3Page - NEC UPD9903 Datasheet HTML 4Page - NEC UPD9903 Datasheet HTML 5Page - NEC UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
µPD9903
7
2.
USE CAUTIONS
(1) Combined characteristics of the
µPC9903 and µPD7073
•
The
µPD9903 is designed to be used in combination with the µPC7073. Therefore, the first half of the electrical
specifications described below are ratings for the
µPD9903 as a discrete unit while the second half are
combined ratings with the
µPC7073.
•
Subscriber circuit constants that are determined by factors such as termination impedance are configured to
enable setting by external order parameters. Consequently, input of an order that is not suitable for the target
impedance may result in failure to obtain the required characteristics.
(2) Absolute maximum ratings
Application of voltage or current in excess of the absolute maximum ratings may result in damage. Be
especially cautious about surges, etc.
(3) Load of by-pass capacitor
Because the
µPC7073 and µPD9903 use several internal high-frequency operational amplifiers, high power
supply impedance can cause instability in these internal operational amplifiers (such as oscillation). To
suppress such instability and eliminate power supply noise, connect by-pass capacitors (CACOM = approximate
0.1
µF) having superior high frequency characteristics as close as possible to the µPC7073’s power supply
pins (VBB and VCC) and the
µPD9903’s power supply pins (AVDD and DVDD).
(4) Addition of ACOM pin connection capacitor
The voltage of the ACOM pin between the
µPC7073 and µPD9903 is the reference voltage of the signal
source between the
µPC9903 and µPC7073. Superposing of noise on this pin may have adverse effects
on transmission characteristics. Therefore, make the wires between the ACOM pins of the two LSIs as short
as possible, and connect capacitors (CACOM = approximate 0.1
µF) having superior high frequency
characteristics as close as possible to the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com