Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 18 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 18 Page - NEC

Back Button UPD9903 Datasheet HTML 14Page - NEC UPD9903 Datasheet HTML 15Page - NEC UPD9903 Datasheet HTML 16Page - NEC UPD9903 Datasheet HTML 17Page - NEC UPD9903 Datasheet HTML 18Page - NEC UPD9903 Datasheet HTML 19Page - NEC UPD9903 Datasheet HTML 20Page - NEC UPD9903 Datasheet HTML 21Page - NEC UPD9903 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
µPD9903
18
ParameterNote
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Loop detection operating
RON1
Includes termination
200
Ω feed
2500
Ω
resistance (during normal
resistance
400
Ω feed
2100
transmission)
Loop detection non-operating
200
Ω feed
3900
resistance (during normal
400
Ω feed
3500
transmission)
Loop detection operating
RON2
Includes termination
200
Ω feed
1900
Ω
resistance (during on hook
resistance
400
Ω feed
1500
transmission)
Loop detection non-operating
200
Ω feed
2840
resistance (during on hook
400
Ω feed
2440
transmission)
Loop release non-operating
RON3
Includes termination
200
Ω feed
2960
Ω
resistance
resistance
400
Ω feed
2560
Loop release operating
200
Ω feed
4540
resistance
400
Ω feed
4140
Ground detection 1 (C/O)
RON4
Includes termination resistance
5.2
k
Ω
operating resistance
Ground detection 1 (C/O)
20
non-operating resistance
Ground-fault/power line
RON6
Includes termination
ILMAX = 45/76 mA
340
Ω
contact detection
resistance
operating resistance
Off-hook state
ILMAX = 35 mA
480
Ground-fault/power line
Includes termination
ILMAX = 45/76 mA
870
Ω
contact detection non-
resistance
ILMAX = 35 mA
1130
operating resistance
Ground-fault/power line
RON7
Includes termination resistance
1.4
k
Ω
contact release non-
operating resistance
Ground-fault/power line
10
contact release operating
resistance
Note
The above values are resistance-converted values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com