Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 20 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 20 Page - NEC

Back Button UPD9903 Datasheet HTML 16Page - NEC UPD9903 Datasheet HTML 17Page - NEC UPD9903 Datasheet HTML 18Page - NEC UPD9903 Datasheet HTML 19Page - NEC UPD9903 Datasheet HTML 20Page - NEC UPD9903 Datasheet HTML 21Page - NEC UPD9903 Datasheet HTML 22Page - NEC UPD9903 Datasheet HTML 23Page - NEC UPD9903 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
µPD9903
20
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Absolute delay
DA
A-A Input signal
0 dBm0
540
µs
characteristics
Absolute delay distortion
DO
A-A
500 Hz
1400
frequency characteristics
600 HZ
700
1000 to 2600 Hz
200
2800 Hz
1400
Intermodulation (2 Tone)
IMD
A-D Input signal
44.0
dB
f1, f2: 300 to 3400 Hz
–4 to –21 dBm0
Measurement signal: 2
× f1 – f2
level (2
× f1 – f2) vs level (f1, f2)
D-A Input signal
44.0
f1, f2: 300 to 3400 Hz
–4 to –21 dBm0
Measurement signal: 2
× f1 – f2
level (2
× f1 – f2) vs level (f1, f2)
Single frequency noise
NSF
D-A
–54
dBm0
PAD level set at 0 dB
Measurement signal up to f = 256 kHz
Deviation in gain setting
∆DGSX
A-D Difference from reference set value
dB
for transmission channel
Setting value:
+7.5 to +3.0 dB
–0.2
+0.2
+3.0 to –3.5 dB
–0.1
+0.1
Deviation in gain setting
∆DGSR
D-A Difference from reference set value
for reception chanel
Setting value:
0.0 to –5.0 dB
–0.1
+0.1
–5.0 to –8.5 dB
–0.2
+0.2
Idle circuit noise
IDN24
2W-4W
A-law
Psophometric weighted
–67
dBm0p
µ-law C message weighted
23
dBrnc0
IDN42
4W-2W
A-law
Psophometric weighted
–76
dBm0p
µ-law C message weighted
14
dBrnc0
Line to ground balance
LCL
RF = 50
Ω
f = 300 to 600 Hz
42
dB
attenuation
Relative accuracy = 0.5 %
f = 600 to 3400 Hz
48
AC induction noise
LFI
IL = 0 mA
VIN = 6 Vrms
43
dBrnc
resistance
IL = 20 mA
VIN = 15 Vrms
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com