Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 9 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 9 Page - NEC

Back Button UPD9903 Datasheet HTML 5Page - NEC UPD9903 Datasheet HTML 6Page - NEC UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC UPD9903 Datasheet HTML 12Page - NEC UPD9903 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
µPD9903
9
(2) AC conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Data clock frequency
fDCLK
(= 1/tCY)
± 50 ppm
2048
kHz
Data clock pulse width
tDCLK
200
ns
Frame sync clock frequency
fS
± 50 ppm
8.0
kHz
High level frame sync pulse
tWHS
tCY
× 8ns
width
Low level frame sync pulse
tWLS
tCY
× 8ns
width
Clock rise time
tR
30
ns
Clock fall time
tF
30
ns
Float in sync timing
tCSD1
100
ns
tCSD2
40
ns
High level width of frame
tWHSC
100
ns
sync clock and data clock
HWR set-up time
tDSR
Note 1
65
ns
HWR hold time
tDHR
Note 1
120
ns
Minimum width of reset pulse
PWRST
RST pin Note 2
10
µs
Notes 1. During timing measurement, use 5 ns as the rise time and fall time for the digital input wave form and
clock signal.
2. The
µPD9903 is initialized when high level input is applied to the RST pin after applying low level input
for several clock widths. (However, use of the RST pin is not guaranteed during low level input. Also,
low level input alone does not initialize the
µPD9903.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com