Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 22 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 22 Page - NEC

Back Button UPD9903 Datasheet HTML 18Page - NEC UPD9903 Datasheet HTML 19Page - NEC UPD9903 Datasheet HTML 20Page - NEC UPD9903 Datasheet HTML 21Page - NEC UPD9903 Datasheet HTML 22Page - NEC UPD9903 Datasheet HTML 23Page - NEC UPD9903 Datasheet HTML 24Page - NEC UPD9903 Datasheet HTML 25Page - NEC UPD9903 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
µPD9903
22
5.
PACKAGE DRAWING
48 PIN PLASTIC SHRINK SOP (375 mil)
C
B
D
A
124
48
25
L
I
H
J
detail of lead end
M
M
N
P48GT-65-375B-1
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
K
16.21 MAX.
0.65 (T.P.)
2.0 MAX.
1.7±0.1
10.0±0.3
0.63 MAX.
0.639 MAX.
0.005±0.003
0.079 MAX.
0.394
0.315±0.008
0.025 MAX.
NOTE
L
M
0.5±0.2
0.15
1.0±0.2
8.0±0.2
0.004
0.020
+0.008
–0.009
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
0.067±0.004
0.026 (T.P.)
0.006
N
0.10
0.004
0.012
0.30±0.10
0.125±0.075
+0.004
–0.002
0.10
+0.10
–0.05
+0.004
–0.005
+0.012
–0.013
0.039
+0.009
–0.008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com