Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 12 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 12 Page - NEC

Back Button UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC UPD9903 Datasheet HTML 12Page - NEC UPD9903 Datasheet HTML 13Page - NEC UPD9903 Datasheet HTML 14Page - NEC UPD9903 Datasheet HTML 15Page - NEC UPD9903 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
µPD9903
12
AC characteristics (TA = 0 to 70
°C, VDD = 5 V ± 0.25 V, VDG = VAG = 0, fDCLK = 2048 kHz)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Data enable delay time
tDZX1
HWX and TYPE pins, when FS is delayed
170
ns
longer than DCLK
tDZX2
HWX and TYPE pins, when DCLK is
170
ns
delayed longer than FS
Data delay time
tDDX
HWX pin
180
ns
Data hold time
tHZX
HWX and TYPE pins
30
200
ns
Delay time to EXS falling edge
tDEXSf
EXS pin
120
ns
Delay time to EXS rising edge
tDEXSr
EXS pin
120
ns
EXD data delay time
tDEXD
EXD pin
120
ns
Signaling bit set-up delay
tDSIG
2
µs
time
Status bit set-up delay time
tDST
2
µs
LED driver set-up delay time
tDLED
BSY and SUS pins
2
µs
Delay time to rising edge
tTHL
100
ns
Delay time to falling edge
tTLH
100
ns
Transmit delay time to
tDAUX
AUX pin
125
µs
external bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com