Electronic Components Datasheet Search
  English  ▼

X  

UPD9903 Datasheet(PDF) 19 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 19 Page - NEC

Back Button UPD9903 Datasheet HTML 15Page - NEC UPD9903 Datasheet HTML 16Page - NEC UPD9903 Datasheet HTML 17Page - NEC UPD9903 Datasheet HTML 18Page - NEC UPD9903 Datasheet HTML 19Page - NEC UPD9903 Datasheet HTML 20Page - NEC UPD9903 Datasheet HTML 21Page - NEC UPD9903 Datasheet HTML 22Page - NEC UPD9903 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
µPD9903
19
Transmission characteristics
µPC7073 (VBB = –42 to –58 V, VCC = 5 V
± 0.25 V, TA = 0 to 70 ˚C, 18 ≤ IL ≤ ILMAX (mA))
µPD9903 (TA = 0 to 70 ˚C,VDD = 5 V
± 0.25 V, VDG= VAG = 0 V, fDCLK = 2048 kHz)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Insertion loss
IL
A-D input signal
–0.45
0.0
+0.45
dB
0 dBm0
1 kHz
D-A input signal
–0.45
0.0
+0.45
0 dBm0
1 kHz
Transfer loss frequency
FRX
A-D
60 Hz
24.0
–
dB
characteristics
Reference input signal
200 Hz
0.6
2.0
1015 Hz 0 dBm0
300 Hz
–0.15
+0.21
400 to 3000 Hz
–0.15
+0.15
3200 Hz
–0.15
+0.65
3400 Hz
0.2
0.8
FRR
D-A
60 Hz
0.2
4.0
Reference input signal
200 Hz
0.1
1.0
1015 Hz 0 dBm0
300 Hz
–0.15
+0.25
400 to 3000 Hz
–0.15
+0.15
3200 Hz
–0.15
+0.65
3400 Hz
0.2
0.8
Gain tracking
GTX
A-D
+3 to –40 dBm0
–0.2
+0.2
dB
(tone method)
Reference input signal
–50 dBm0
–0.5
+0.5
–10 dBm0
–55 dBm0
–1.0
+1.0
f = 700 to 1100 Hz
GTR
D-A
+3 to –40 dBm0
–0.2
+0.2
Reference input signal
–50 dBm0
–0.4
+0.4
–10 dBm0
–55 dBm0
–0.8
+0.8
f = 700 to 1100 Hz
Return loss
RL
Input signal
300 Hz
16
dB
0 dBm0
500 to 2000 Hz
20
ZT = 600
Ω + 2.16
µF 2000 to 3400 Hz
16
Echo attenuation
TBRL
Input signal
300 Hz
18
dB
0 dBm0
500 to 2500 Hz
22
ZT = 600
Ω + 2.16
µF
3400 Hz
18
Transmit channel total
SDX
A-D
+3 to –30 dBm0
36
dB
power distortion factor
Input signal
–40 dBm0
30
(tone method)
f = 700 to 1100 Hz
–45 dBm0
25
SDR
D-A
+3 to –30 dBm0
36
Input signal
–40 dBm0
30
f = 700 to 1100 Hz
–45 dBm0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com