Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 3Page - Texas Instruments TPS717 Datasheet HTML 4Page - Texas Instruments TPS717 Datasheet HTML 5Page - Texas Instruments TPS717 Datasheet HTML 6Page - Texas Instruments TPS717 Datasheet HTML 7Page - Texas Instruments TPS717 Datasheet HTML 8Page - Texas Instruments TPS717 Datasheet HTML 9Page - Texas Instruments TPS717 Datasheet HTML 10Page - Texas Instruments TPS717 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
-40
65
125
T ( C)
A °
5
35
-25
-10
20
50
80
95
110
5
4
3
2
1
0
V
= 6.5 V
IN
V
= 4.5 V
IN
V
= 3.3 V
IN
V
= 0.4 V
EN
600
500
400
300
200
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = 40 C
-
A
°
150
120
90
60
30
0
0
100
150
I
(mA)
OUT
50
-40
65
125
T ( C)
A °
5
35
-25
-10
20
50
80
95
110
150
120
90
60
30
0
I
= 150 mA
OUT
I
= 100 mA
OUT
300
250
200
150
100
50
0
-40
65
125
T ( C)
A °
5
35
-25
-10
20
50
80
95
110
I
= 10 mA
OUT
I
= 150 mA
OUT
150
120
90
60
30
0
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
= 150 mA
OUT
I
= 100 mA
OUT
V
= 2.8 V
OUT
TPS717
www.ti.com
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 7. Dropout Voltage vs Temperature
Figure 8. Ground Pin Current vs Input Voltage
Figure 9. Ground Pin Current vs Output Current
Figure 10. Ground Pin Current vs Temperature (Enabled)
Figure 11. Ground Pin Current vs Temperature (Disabled)
Figure 12. Current Limit vs Input Voltage
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com