Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 11Page - Texas Instruments TPS717 Datasheet HTML 12Page - Texas Instruments TPS717 Datasheet HTML 13Page - Texas Instruments TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments TPS717 Datasheet HTML 18Page - Texas Instruments TPS717 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
TPS717
www.ti.com
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS717xx belongs to a family of new generation LDO regulators that use innovative circuitry to achieve
ultra-wide bandwidth and high loop gain, resulting in extremely high PSRR at very low headroom (VIN – VOUT).
Fixed voltage versions provide a noise reduction pin to bypass noise generated by the band-gap reference and
to improve PSRR while a quick-start circuit fast-charges this capacitor. These features, combined with low noise,
enable, low ground pin current, and ultra-small packaging, make this part ideal for automotive applications. This
family of regulators offers sub-band-gap output voltages, current limit, and thermal protection, and is fully
specified from –40°C to 125°C.
8.1.1 Transient Response
As with any regulator, increasing the size of the output capacitor reduces overshoot or undershoot magnitude but
increases duration of the transient. The TPS717xx has an ultra-wide loop bandwidth that allows it to respond
quickly to load transient events. As with any regulator, the loop bandwidth is finite and the initial transient voltage
peak is controlled by the sizing of the output capacitor. Typically, larger output capacitors reduce the peak while
also reducing the bandwidth of the LDO, slowing the response time.
8.1.2 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-
μF or
larger low equivalent series resistance (ESR) capacitor from IN to GND near the regulator. This capacitor
counteracts reactive input sources and improves transient response, noise rejection, and ripple rejection. A
higher-value capacitor may be necessary if large, fast rise-time load transients are anticipated or if the device is
located several inches from the power source. If source impedance is not sufficiently low, a 0.1-
μF input
capacitor may be necessary to ensure stability.
The TPS717xx is designed to be stable with ceramic output capacitors of values 1
μF or larger. The X5R- and
X7R-type capacitors are best because they have minimal variation in value and ESR over temperature. The
maximum ESR of the output capacitor must be less than 1
Ω.
8.1.3 Dropout Voltage
The TPS717xx uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in its linear region of operation and the input-to-output resistance is the
RDSon of the PMOS pass element. VDO scales approximately with output current because the PMOS device
functions as a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded when (VIN – VOUT) approaches dropout.
This effect is illustrated in Figure 15 through Figure 17 in Typical Characteristics.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com