Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 3 Page - Texas Instruments

  TPS717 Datasheet HTML 1Page - Texas Instruments TPS717 Datasheet HTML 2Page - Texas Instruments TPS717 Datasheet HTML 3Page - Texas Instruments TPS717 Datasheet HTML 4Page - Texas Instruments TPS717 Datasheet HTML 5Page - Texas Instruments TPS717 Datasheet HTML 6Page - Texas Instruments TPS717 Datasheet HTML 7Page - Texas Instruments TPS717 Datasheet HTML 8Page - Texas Instruments TPS717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS717
www.ti.com
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
5 Pin Configuration and Functions
DCK Package
DRV Package
SC70-5
2-mm × 2-mm WSON
(Top View)
(Top View)
(1)
N/C = No connection
DSE Package
1.5-mm × 1.5-mm WSON
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCK
DRV
DSE
Driving the enable pin (EN) above VEN(high) turns on the regulator.
EN
3
4
4
I
Driving this pin below VEN(low) puts the regulator into standby mode,
thereby disabling the output and reducing operating current.
Adjustable voltage version only. The voltage at this pin is fed to the
FB
4
2
3
I
error amplifier. A resistor divider from OUT to FB sets the output
voltage when in regulation.
GND
2
3
2
—
Ground
Input to the device. A 0.1-
μF to 1-μF capacitor is recommended for
IN
1
6
6
I
better performance.
Not connected. This pin can be tied to ground to improve thermal
N/C
—
5
5
—
dissipation.
Fixed voltage versions only. The noise reduction capacitor filters the
NR
4
2
3
—
noise generated by the internal band gap, thus lowering output noise.
This pin is the regulated output voltage. A minimum capacitance of
OUT
5
1
1
O
1
μF is required for stability from this pin to ground.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com