Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments TPS717 Datasheet HTML 18Page - Texas Instruments TPS717 Datasheet HTML 19Page - Texas Instruments TPS717 Datasheet HTML 20Page - Texas Instruments TPS717 Datasheet HTML 21Page - Texas Instruments TPS717 Datasheet HTML 22Page - Texas Instruments TPS717 Datasheet HTML 23Page - Texas Instruments TPS717 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Y
Y
JT
J
T
JT
D
:T =T +
P
·
Y
Y
JB
J
B
JB
D
:T =T +
P
·
D
IN
OUT
OUT
P
V
V
I

u
R1
Thermal Pad
CIN
COUT
R2
(1)
TPS717
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
www.ti.com
Layout Example (continued)
(1)
Circles within thermal pad area indicate vias to other layers on the board, for electrical connections or thermal
conduction.
Figure 38. Adjustable Voltage Layout
10.3 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed circuit board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to the ambient air. Performance data for JEDEC low- and high-K boards are given in
Thermal Information. Using heavier copper increases the effectiveness in removing heat from the device. The
addition of plated through-holes to heat-dissipating layers also improves the heatsink effectiveness.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of
the output current times the voltage drop across the output pass element (VIN to VOUT), as shown in Equation 4:
(4)
A better method of estimating the thermal measure comes from using the thermal metrics
ΨJT and ΨJB, shown in
Thermal Information. These metrics are a more accurate representation of the heat transfer characteristics of the
die and the package than RθJA. The junction temperature can be estimated with Equation 5.
where
•
PD is the power dissipation shown by Equation 4,
•
TT is the temperature at the center-top of the IC package,
•
TB is the PCB temperature measured 1 mm away from the IC package on the PCB surface.
(5)
20
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com