Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 2 Page - Texas Instruments

  TPS717 Datasheet HTML 1Page - Texas Instruments TPS717 Datasheet HTML 2Page - Texas Instruments TPS717 Datasheet HTML 3Page - Texas Instruments TPS717 Datasheet HTML 4Page - Texas Instruments TPS717 Datasheet HTML 5Page - Texas Instruments TPS717 Datasheet HTML 6Page - Texas Instruments TPS717 Datasheet HTML 7Page - Texas Instruments TPS717 Datasheet HTML 8Page - Texas Instruments TPS717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TPS717
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
2
Applications ........................................................... 1
8.2
Typical Applications ................................................ 16
3
Description ............................................................. 1
8.3
Do's and Don'ts ...................................................... 18
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 18
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 19
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 19
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 19
6.2
ESD Ratings ............................................................ 4
10.3
Power Dissipation ................................................ 20
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 22
6.4
Thermal Information .................................................. 4
11.1
Device Support .................................................... 22
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ....................................... 22
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 22
7
Detailed Description ............................................ 11
11.4
Electrostatic Discharge Caution ............................ 22
7.1
Overview ................................................................. 11
11.5
Glossary ................................................................ 22
7.2
Functional Block Diagrams ..................................... 11
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 22
7.4
Device Functional Modes........................................ 13
4 Revision History
Changes from Revision G (April 2009) to Revision H
Page
•
Changed pin descriptions throughout Pin Functions table ..................................................................................................... 3
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
•
Changed load regulation typical specification from 120 µV to 70 µV to better reflect device performance .......................... 5
•
Changed condition for CNR = none for Vn parameter.............................................................................................................. 5
•
Changed Figure 1, Figure 2, Figure 3, and Figure 4: removed legend, added call-outs for clarity ....................................... 6
•
Changed titles of Figure 15, Figure 17, and Figure 25........................................................................................................... 7
•
Corrected input and output symbols in operational amplifiers in Functional Block Diagrams ............................................. 11
•
Changed Undervoltage Lockout (UVLO) section text: reworded for clarity.......................................................................... 13
•
Deleted Reverse Current Protection section ....................................................................................................................... 15
Changes from Revision F (February 2009) to Revision G
Page
•
Changed min and max specs for Output accuracy, VOUT ≥ 1.0V ........................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com