Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 10Page - Texas Instruments TPS717 Datasheet HTML 11Page - Texas Instruments TPS717 Datasheet HTML 12Page - Texas Instruments TPS717 Datasheet HTML 13Page - Texas Instruments TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments TPS717 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
TPS717
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
www.ti.com
Device Functional Modes (continued)
7.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this condition, the output
voltage is the same as the input voltage minus the dropout voltage. The transient performance of the device is
significantly degraded because the pass device is in a triode state and no longer controls the current through the
LDO. Line or load transients in dropout can result in large output voltage deviations.
7.4.3 Disabled
The device is disabled under the following conditions:
•
The input voltage is less than the UVLO falling voltage, or has not yet exceeded the UVLO rising threshold.
•
The enable voltage is less than the enable falling threshold voltage or has not yet exceeded the enable rising
threshold.
•
The device junction temperature is greater than the thermal shutdown temperature.
Table 1 shows the conditions that lead to the different modes of operation.
Table 1. Device Functional Mode Comparison
PARAMETER
OPERATING MODE
VIN
VEN
IOUT
TJ
Normal mode
VIN > VOUT(nom) + VDO and VIN > UVLO
VEN > VEN(high)
I OUT < ILIM
T J < 125°C
Dropout mode
UVLO < VIN < VOUT(nom) + VDO
VEN > VEN(high)
—
TJ < 125°C
Disabled mode
VIN < UVLO – Vhys
VEN < VEN(low)
—
TJ > 165°C
(any true condition disables the device)
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com