Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments TPS717 Datasheet HTML 18Page - Texas Instruments TPS717 Datasheet HTML 19Page - Texas Instruments TPS717 Datasheet HTML 20Page - Texas Instruments TPS717 Datasheet HTML 21Page - Texas Instruments TPS717 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TPS717
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
www.ti.com
8.3 Do's and Don'ts
Do place at least one 1-µF ceramic capacitor as close as possible in the range of the regulator.
Do not place the output capacitor more than 10 mm away from the regulator.
Do not place any components in the feedback loop except for the output capacitor and feedback resistors.
Do not exceed the device absolute maximum ratings.
Do not float the enable (EN) pin.
9 Power Supply Recommendations
The TPS717xx is designed to operate from an input voltage between 2.5 V and 6.5 V. The input supply must
provide adequate headroom for the device to operate in a normal mode of operation.
Connect a low output impedance power supply directly to the IN pin of the TPS717xx. Inductive impedances
between the input supply and the IN pin can create significant voltage excursions at the IN pin during startup or
load transient events. If inductive impedances are unavoidable, use an input capacitor. To increase the overall
PSRR of the power solution, use a pi-filter before the input of the LDO or after the FB network of the LDO.
18
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com