Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 13Page - Texas Instruments TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments TPS717 Datasheet HTML 18Page - Texas Instruments TPS717 Datasheet HTML 19Page - Texas Instruments TPS717 Datasheet HTML 20Page - Texas Instruments TPS717 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
SOC
PLL
R1
R2
FB
COUT
GND
CIN
EN
IN
OUT
Buck Regulator
TPS71701
3.3 V
2.8 V
100
s/div
m
50 mV/div
40 mV/div
I
OUT
V
OUT
V
= 3.3 V
IN
150 mA
1 mA
C
= 1
F
m
OUT
TPS717
www.ti.com
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
Table 3. Sample 1% Resistor Values for Common
Output Voltages
VOUT
R1
R2
1
80.6 k
Ω
324 k
Ω
1.2
162 k
Ω
324 k
Ω
1.5
294 k
Ω
332 k
Ω
1.8
402 k
Ω
324 k
Ω
2.5
665 k
Ω
316 k
Ω
3.3
1.02 M
Ω
324 k
Ω
5
1.74 M
Ω
332 k
Ω
8.2.1.3 Application Curve
Figure 35. Load Transient Response
8.2.2 Powering a PLL Integrated on an SOC
Figure 36 shows the TPS71701 powering a phase-locked loop (PLL) that is integrated into a system-on-a-chip
(SOC).
Figure 36. Typical Application Circuit: PLL on an SOC
Use the input and output capacitors to ensure the voltage transient requirements. A 1-µF input and 1-µF output
capacitor are selected to maximize the capacitance and minimize capacitor size.
R2 is chosen to be 158 kΩ for optimal noise and PSRR, and by Equation 4, R1 is selected to be 402 kΩ. Both R1
and R2 must be 1% tolerance resistors to meet the dc accuracy specification over line, load, and temperature.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com