Electronic Components Datasheet Search
  English  ▼

X  

TPS717 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 8Page - Texas Instruments TPS717 Datasheet HTML 9Page - Texas Instruments TPS717 Datasheet HTML 10Page - Texas Instruments TPS717 Datasheet HTML 11Page - Texas Instruments TPS717 Datasheet HTML 12Page - Texas Instruments TPS717 Datasheet HTML 13Page - Texas Instruments TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
IN
EN
FB
OUT
GND
Current
Limit
Thermal
Shutdown
UVLO
1.20-V
Band Gap
250 kW
0.8 V
360 kW
640 kW
3.3 MW
TPS717
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 32. Adjustable Voltage Version
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS717xx internal current limit helps protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. For reliable operation, do
not operate the device in a current-limit state for extended periods of time.
The PMOS pass element in the TPS717xx has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting may be appropriate.
7.3.2 Shutdown
The enable pin (EN) is active high and compatible with standard and low voltage, TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to IN.
7.3.3 Startup and Noise Reduction Capacitor
Fixed voltage versions of the TPS717xx use a quick-start circuit to fast-charge the noise reduction capacitor,
CNR, if present (see Figure 31). This circuit allows the combination of very low output noise and fast start-up
times. The NR pin is high impedance, so a low-leakage CNR capacitor must be used; most ceramic capacitors
are appropriate in this configuration.
Note that for fastest startup, apply VIN first, then the enable pin (EN) driven high. If EN is tied to IN, startup is
somewhat slower. Refer to Figure 29 in Typical Characteristics. The quick-start switch is closed for approximately
135
μs. To ensure that CNR is fully charged during the quick-start time, use a 0.01-μF or smaller capacitor.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com