Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 18Page - Seiko Instruments Inc S814 Datasheet HTML 19Page - Seiko Instruments Inc S814 Datasheet HTML 20Page - Seiko Instruments Inc S814 Datasheet HTML 21Page - Seiko Instruments Inc S814 Datasheet HTML 22Page - Seiko Instruments Inc S814 Datasheet HTML 23Page - Seiko Instruments Inc S814 Datasheet HTML 24Page - Seiko Instruments Inc S814 Datasheet HTML 25Page - Seiko Instruments Inc S814 Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.3.1_00
Seiko Instruments Inc.
22
1-3. At power fluctuation
Output voltage (VOUT) – Time (t)
VIN
=4.0→10 V, IOUT=30 mA
t [50
μs/div]
3 V
CL
=4.7 μF
CL
=1 μF
VIN
4 V
10 V
VOUT
VIN
=10→4.0 V, IOUT=30 mA
t [50
μs/div]
3 V
4 V
10 V
VIN
CL
=4.7 μF
CL
=1 μF
VOUT
Load dependencies of overshoot
CL dependencies of overshoot
0
0.2
0.4
0.6
0.8
1.E
−05 1.E−04 1.E−03 1.E−02 1.E−01 1.E+00
IOUT [A]
5 V
VIN
=VOUT(S)+1 V→VOUT(S)+2 V, CL=1 μF
VOUT
=2 V
3 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
CL [
μF]
5 V
3 V
VOUT
=2 V
VIN
=VOUT(S)+1 V→VOUT(S)+2 V, IOUT=30 mA
VDD dependencies of overshoot
Temperature dependencies of overshoot
0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
VDD [V]
VIN
=VOUT(S)+1 V→VDD, IOUT=30 mA, CL=1 μF
VOUT
=2 V
3 V
5 V
0
0.2
0.4
0.6
0.8
1.0
−50
0
50
100
Ta [
°C]
5 V
3 V
VOUT
=2 V
VIN
=VOUT(S)+1 V→VOUT(S)+2 V, IOUT=30 mA, CL=1 μF
Load dependencies of undershoot
CL dependencies of undershoot
0
0.2
0.4
0.6
0.8
1.E
−05 1.E−04 1.E−03 1.E−02 1.E−01 1.E+00
IOUT [A]
5 V
VOUT
=2 V
VIN
=VOUT(S)+2 V→VOUT(S)+1 V, CL=1 μF
3 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
CL [
μF]
5 V
3 V
VOUT
=2 V
VIN
=VOUT(S)+2 V→VOUT(S)+1 V, IOUT=30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com