Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S814 Datasheet HTML 1Page - Seiko Instruments Inc S814 Datasheet HTML 2Page - Seiko Instruments Inc S814 Datasheet HTML 3Page - Seiko Instruments Inc S814 Datasheet HTML 4Page - Seiko Instruments Inc S814 Datasheet HTML 5Page - Seiko Instruments Inc S814 Datasheet HTML 6Page - Seiko Instruments Inc S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
S-814 Series
www.sii-ic.com
LOW DROPOUT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 1999-2015
Rev.3.1_00
Seiko Instruments Inc.
1
The S-814 Series is a low dropout voltage, high output voltage accuracy and low current consumption positive
voltage regulator developed utilizing CMOS technology.
Built-in low ON-resistance transistors provide low dropout voltage and large output current. The ON/OFF circuit
ensures long battery life.
Various types of output capacitors can be used in the S-814 Series compared with the past CMOS voltage
regulators. (i.e., Small ceramic capacitors can also be used in the S-814 Series.)
The SOT-23-5 miniaturized package and the SOT-89-5 packages are recommended to use for configuring
portable devices and large output current applications, respectively.
Features
• Output voltage:
2.0 V to 6.0 V, selectable in 0.1 V step
• Output voltage accuracy:
±2.0%
• Dropout voltage:
170 mV typ. (5.0 V output product, IOUT
=60 mA)
• Current consumption:
During operation:
30
μA typ., 40 μA max.
During power-off:
100 nA typ., 500 nA max.
• Output current:
Possible to output 110 mA (3.0 V output product, VIN
=4 V)
*1
Possible to output 180 mA (5.0 V output product, VIN
=6 V)
*1
• Output capacitor:
A ceramic capacitor of 0.47
μF or more can be used.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Built-in short-circuit protection circuit
• Operation temperature range: Ta=−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Constant-voltage power source for battery-powered device, personal communication device, and home
electric/electronic appliance.
Packages
• SOT-23-5
• SOT-89-5


Similar Part No. - S814

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
S81 ASHCROFT-S81 Datasheet
851Kb / 5P
S81 RTD Temperature Probes
RevC_04-05-23
logo
List of Unclassifed Man...
S81-125 ETC2-S81-125 Datasheet
502Kb / 2P
CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
Won-Top Electronics
S810 WTE-S810 Datasheet
52Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2019
S810-T3 WTE-S810-T3 Datasheet
52Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2019
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
More results

Similar Description - S814

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com