Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc S814 Datasheet HTML 16Page - Seiko Instruments Inc S814 Datasheet HTML 17Page - Seiko Instruments Inc S814 Datasheet HTML 18Page - Seiko Instruments Inc S814 Datasheet HTML 19Page - Seiko Instruments Inc S814 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.3.1_00
Seiko Instruments Inc.
16
3. Maximum output current (IOUTmax) vs. Input voltage (VIN)
S-814A20A
S-814A30A
0
100
200
300
1
2
3
4
5
6
7
8
9 10
VIN [V]
Ta
=−40°C
25°C
85°C
0
200
400
600
2
3
4
5
6
7
8
9
10
VIN [V]
Ta
=−40°C
25°C
85°C
S-814A50A
0
200
400
600
800
4
5
6
7
8
9
10
VIN [V]
Ta
=−40°C
25°C
85°C
Remark
In determining the output current, attention
should be paid to the following.
1.
The minimum output current value and footnote *3
in Table 5 in “ Electrical Characteristics”.
2.
The package power dissipation.
4. Dropout voltage (Vdrop) vs. Output current (IOUT)
S-814A20A
S-814A30A
0
50
100
150
200
250
300
0
5
10
15
20
25
30
IOUT [mA]
Ta
=−40°C
25°C
85°C
0
30
60
90
120
0
5
10
15
20
25
30
IOUT [mA]
25°C
Ta
=−40°C
85°C
S-814A50A
0
40
80
120
160
0
10
20
30
40
50
60
IOUT [mA]
Ta
=−40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com