Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 11Page - Seiko Instruments Inc S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc S814 Datasheet HTML 16Page - Seiko Instruments Inc S814 Datasheet HTML 17Page - Seiko Instruments Inc S814 Datasheet HTML 18Page - Seiko Instruments Inc S814 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
15
Characteristics (Typical data)
1. Output voltage (VOUT) vs. Output current (IOUT) (When load current increases)
S-814A20A
S-814A30A
(Ta
=25°C)
0
1.0
2.0
0
50
100
150
200
250
IOUT [mA]
3 V
VIN
=2.3 V
2.5 V
10 V
4 V
(Ta=25°C)
0
1.0
2.0
3.0
0
100
200
300
400
IOUT [mA]
VIN=3.3 V
4 V
5 V
3.5 V
6 V
10 V
S-814A50A
(Ta=25°C)
0
1.0
2.0
3.0
4.0
5.0
0
200
400
600
800
IOUT [mA]
VIN=5.3 V
6 V
7 V
5.5 V
10 V
8 V
Remark
In determining the output current, attention
should be paid to the following.
1.
The minimum output current value and footnote *3
in Table 5 in “ Electrical Characteristics”.
2.
The package power dissipation.
2. Output voltage (VOUT) vs. Input voltage (VIN)
S-814A20A (Ta = 25
°C)
S-814A30A (Ta = 25
°C)
60 mA
30 mA
1 mA
IOUT = 10
μA
100
μA
1
2
3
4
11.0
1.5
2.0
2.5
VIN (V)
60 mA
30 mA
2.0
2.5
3.0
3.5
IOUT = 10
μA
100
μA
1 mA
VIN (V)
2
3
4
5
1.5
S-814A50A (Ta = 25
°C)
4.5
5.0
5.5
VIN (V)
4
5
6
7
4.0
60 mA
30 mA
IOUT = 10
μA
100
μA
1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com