Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 6Page - Seiko Instruments Inc S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc S814 Datasheet HTML 10Page - Seiko Instruments Inc S814 Datasheet HTML 11Page - Seiko Instruments Inc S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.3.1_00
Seiko Instruments Inc.
10
Standard Circuit
VSS
VOUT
VIN
CIN
*1
CL
*2
Input
Output
GND
Single GND
*1. CIN is a capacitor used to stabilize input.
*2. In addition to a tantalum capacitor, a ceramic capacitor of 0.47
μF or more can be used in CL.
Figure 10
Caution The above connection diagram and constant will not guarantee successful operation.
Perform through evaluation using the actual application to set the constant.
Explanation of Terms
1. Low dropout voltage regulator
This voltage regulator has the low dropout voltage due to its built-in low on-resistance transistor.
2. Low ESR
ESR is the abbreviation for Equivalent Series Resistance. The low ESR output capacitor (CL) can be
used in the S-814 Series.
3. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±2.0% under the specified conditions
*1 of input voltage,
output current, and temperature, which differ depending upon the product items.
*1. The condition differs depending upon each product.
Caution If you change the above conditions, the output voltage value may vary out of the
accuracy range of the output voltage. Refer to “ Electrical Characteristics” and
“ Characteristics (Typical Data)” for details.
4. Line regulation 1 (
ΔVOUT1) and Line regulation 2 (ΔVOUT2)
Indicates the input voltage dependencies of output voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage with the output current remained unchanged.
5. Load regulation (
ΔVOUT3)
Indicates the output current dependencies of output voltage. That is, the value shows how much the
output voltage changes due to a change in the output current with the input voltage remained unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com