Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 9Page - Seiko Instruments Inc S814 Datasheet HTML 10Page - Seiko Instruments Inc S814 Datasheet HTML 11Page - Seiko Instruments Inc S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc S814 Datasheet HTML 16Page - Seiko Instruments Inc S814 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
13
3. ON/OFF pin
This pin starts and stops the regulator.
When the ON/OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in P-
channel MOS FET output transistor between VIN pin and VOUT pin is turned off, reducing current
consumption significantly. The VOUT pin enters the Vss level due to internally divided resistance of
several M
Ω between VOUT pin and VSS pin.
Furthermore, the structure of the ON/OFF pin is as shown in Figure 13. Since the ON/OFF pin is neither
pulled down nor pulled up internally, do not use it in the floating status. In addition, please note that
current consumption increases if a voltage of 0.3 V to VIN
−0.3 V is applied to the ON/OFF pin. When not
using the ON/OFF pin, connect it to the VIN pin in case of the product A type, connect it to the VSS pin in
B type.
VIN
ON/OFF
VSS
Figure 13
Table 6
Product type
ON/OFF pin
Internal circuit
VOUT pin voltage
Current consumption
A
“H”: ON
Operate
Set value
ISS1
A
“L”: OFF
Stop
VSS level
ISS2
B
“H”: OFF
Stop
VSS level
ISS2
B
“L”: ON
Operate
Set value
ISS1
4. Short-circuit protection circuit
The S-814 Series incorporates a short-circuit protection circuit to protect the output transistor against
short-circuiting between VOUT pin and VSS pin.
The short-circuit protection circuit controls output current as shown in “1. Output voltage (VOUT) vs.
Output current (IOUT) (When load current increases)” in “ Characteristics (Typical Data)”, and
prevents output current of approx. 70 mA or more from flowing even if VOUT pin and VSS pin are shorted.
However, the short-circuit protection circuit does not protect thermal shutdown. Be sure that input voltage
and load current do not exceed the specified power dissipation level.
When output current is large and a difference between input and output voltages is large even if not
shorted, the short-circuit protection circuit may start functioning and the output current may be controlled
to the specified amperage. For details, refer to “3. Maximum output current (IOUTmax) vs. Input voltage
(VIN)” in“ Characteristics (Typical Data)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com