Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 3Page - Seiko Instruments Inc S814 Datasheet HTML 4Page - Seiko Instruments Inc S814 Datasheet HTML 5Page - Seiko Instruments Inc S814 Datasheet HTML 6Page - Seiko Instruments Inc S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc S814 Datasheet HTML 10Page - Seiko Instruments Inc S814 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 5
(Ta
=25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Test
circuit
Output voltage
*1
VOUT(E)
VIN
=VOUT(S)+1 V, IOUT=30 mA
VOUT(S)
×0.98
VOUT(S) VOUT(S)
×1.02
V
1
Output current
*2
IOUT
VOUT(S)
+1 V≤VIN≤10 V
2.0 V
≤VOUT(S)≤2.9 V
100
*3
⎯
⎯
mA
3
3.0 V
≤VOUT(S)≤3.9 V
110
*3
⎯
⎯
mA
3
4.0 V
≤VOUT(S)≤4.9 V
135
*3
⎯
⎯
mA
3
5.0 V
≤VOUT(S)≤6.0 V
180
*3
⎯
⎯
mA
3
Dropout voltage
*4
Vdrop
IOUT
=60 mA
2.0 V
≤VOUT(S)≤2.4 V
⎯
0.51
0.87
V
1
2.5 V
≤VOUT(S)≤2.9 V
⎯
0.38
0.61
V
1
3.0 V
≤VOUT(S)≤3.4 V
⎯
0.30
0.44
V
1
3.5 V
≤VOUT(S)≤3.9 V
⎯
0.24
0.33
V
1
4.0 V
≤VOUT(S)≤4.4 V
⎯
0.20
0.26
V
1
4.5 V
≤VOUT(S)≤4.9 V
⎯
0.18
0.22
V
1
5.0 V
≤VOUT(S)≤5.4 V
⎯
0.17
0.21
V
1
5.5 V
≤VOUT(S)≤6.0 V
⎯
0.17
0.20
V
1
Line regulation 1
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT(S)
+0.5 V≤VIN≤10 V, IOUT=30 mA
⎯
0.05
0.2
%/V
1
Line regulation 2
OUT
IN
2
OUT
V
V
∆
V
∆
•
VOUT(S)
+0.5 V≤VIN≤10 V, IOUT=10 μA
⎯
0.05
0.2
%/V
1
Load regulation
ΔVOUT3
VIN
=VOUT(S)+1 V, 10 μA≤IOUT≤80 mA
⎯
30
50
mV
1
Output voltage
temperature
cofficient
*5
OUT
OUT
V
Ta
∆
V
∆
•
VIN
=VOUT(S)+1 V, IOUT=30 mA,
−40°C≤Ta≤+85°C
⎯
±100
⎯
ppm/
°C
1
Current
consumption during
operation
ISS1
VIN
=VOUT(S)+1 V, ON/OFF pin=ON, No load
⎯
30
40
μA
2
Current
consumption during
power-off
ISS2
VIN
=VOUT(S)+1 V, ON/OFF pin=OFF, No load
⎯
0.1
0.5
μA
2
Input voltage
VIN
⎯
⎯
⎯
10
V
1
ON/OFF pin input
voltage “H”
VSH
VIN
=VOUT(S)+1 V, RL=1 kΩ,
Judged at VOUT level
1.5
⎯
⎯
V
4
ON/OFF pin input
voltage “L”
VSL
VIN
=VOUT(S)+1 V, RL=1 kΩ,
Judged at VOUT level
⎯
⎯
0.3
V
4
ON/OFF pin input
current “H”
ISH
VIN
=VOUT(S)+1 V, VON/OFF=7 V
−0.1
⎯
0.1
μA
4
ON/OFF pin input
current “L”
ISL
VIN
=VOUT(S)+1 V, VON/OFF=0 V
−0.1
⎯
0.1
μA
4
Short current limit
IOS
VIN
=VOUT(S)+1 V, VOUT pin=0 V
⎯
70
⎯
mA
3
Ripple rejection
RR
VIN
=VOUT(S)+1 V, f=100 Hz, ΔVrip=0.5 Vrms,
IOUT
=30 mA
⎯
45
⎯
dB
5
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT(
=30 mA) and inputting VOUT(S)+1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output
current.
*3. The output current can be at least this value.
Use load amperage not exceeding this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com