Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc S814 Datasheet HTML 16Page - Seiko Instruments Inc S814 Datasheet HTML 17Page - Seiko Instruments Inc S814 Datasheet HTML 18Page - Seiko Instruments Inc S814 Datasheet HTML 19Page - Seiko Instruments Inc S814 Datasheet HTML 20Page - Seiko Instruments Inc S814 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
17
5. Output voltage (VOUT) vs. Ambient temperature (Ta)
S-814A20A
S-814A30A
1.96
1.98
2.00
2.02
2.04
−50
0
50
100
Ta [°C]
VIN
=3V, IOUT=30mA
2.94
2.97
3.00
3.03
3.06
−50
050
100
Ta [°C]
VIN
=4V, IOUT=30mA
S-814A50A
4.90
4.95
5.00
5.05
5.10
−50
0
50
100
Ta [°C]
VIN
=6V, IOUT=30mA
6. Line regulation (
ΔVOUT1) vs. Ambient temperature (Ta)
S-814A20A/S-814A30A/S-814A50A
0
5
10
15
20
25
30
35
−50
0
50
100
Ta [°C]
3 V
VOUT
=2 V
5 V
VIN
=VOUT(S)+0.5↔10 V, IOUT=30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com